| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2119AU/2DA/2 bảng dữ liệu(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119AU/2DA/2 bảng dữ liệu(HTML) 56 Page - NXP Semiconductors |
|
56 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 56 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 16.7 Interfaces Fig 44. Typical application using parallel interface, 4 or 8 bit bus possible Fig 45. Application using I2C-bus interface 013aaa119 PCF2119X 16 4,8 C1 to C80 80 OSC RS DB7 to DB4 DB3 to DB0 E 470 nF 100 nF R1 to R16 VSS R/W 2 R17, R18 VDD VDD VLCD VSS 2 × 16 CHARACTER LCD DISPLAY PLUS 160 ICONS VDD VDD SCL SDA I2C MASTER, MICROCONTROLLER PCF2119X 2 × 16 CHARACTER LCD DISPLAY PLUS 160 ICONS 16 C1 to C80 80 2 OSC SCL SDA DB3/SAO 100 nF 100 nF R17, R18 R1 to R16 VDD VDD VSS VDD VLCD VSS PCF2119X 1 × 32 CHARACTER LCD DISPLAY PLUS 160 ICONS 16 C1 to C80 80 2 OSC SCL SDA DB3/SAO 100 nF 100 nF R17, R18 R1 to R16 VSS VDD VSS VDD VLCD VSS mgk898 |