công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4321 bảng dữ liệu(PDF) 165 Page - Microchip Technology

tên linh kiện PIC18F4321
Giải thích chi tiết về linh kiện  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 bảng dữ liệu(HTML) 165 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 161Page - Microchip Technology PIC18F4321 Datasheet HTML 162Page - Microchip Technology PIC18F4321 Datasheet HTML 163Page - Microchip Technology PIC18F4321 Datasheet HTML 164Page - Microchip Technology PIC18F4321 Datasheet HTML 165Page - Microchip Technology PIC18F4321 Datasheet HTML 166Page - Microchip Technology PIC18F4321 Datasheet HTML 167Page - Microchip Technology PIC18F4321 Datasheet HTML 168Page - Microchip Technology PIC18F4321 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 165
PIC18F2221/2321/4221/4321 FAMILY
17.4.9
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the ECCP module for PWM operation:
1.
Configure the PWM pins, P1A and P1B (and
P1C and P1D, if used), as inputs by setting the
corresponding TRIS bits.
2.
Set the PWM period by loading the PR2 register.
3.
If auto-shutdown is required, do the following:
• Disable auto-shutdown (ECCPASE = 0)
• Configure source (FLT0, Comparator 1 or
Comparator 2)
• Wait for non-shutdown condition
4.
Configure the ECCP module for the desired
PWM mode and configuration by loading the
CCP1CON register with the appropriate values:
• Select one of the available output
configurations and direction with the P1M<1:0
bits.
• Select the polarities of the PWM output
signals with the CCP1M<3:0> bits.
5.
Set the PWM duty cycle by loading the CCPR1L
register and CCP1CON<5:4> bits.
6.
For Half-Bridge Output mode, set the dead-
band delay by loading ECCP1DEL<6:0> with
the appropriate value.
7.
If auto-shutdown operation is required, load the
ECCP1AS register:
• Select the auto-shutdown sources using the
ECCPAS<2:0> bits.
• Select the shutdown states of the PWM
output pins using the PSSAC<1:0> and
PSSBD<1:0> bits.
• Set the ECCPASE bit (ECCP1AS<7>).
• Configure the comparators using the CMCON
register.
• Configure the comparator inputs as analog
inputs.
8.
If auto-restart operation is required, set the
PRSEN bit (ECCP1DEL<7>).
9.
Configure and start TMR2:
• Clear the TMR2 interrupt flag bit by clearing
the TMR2IF bit (PIR1<1>).
• Set the TMR2 prescale value by loading the
T2CKPS bits (T2CON<1:0>).
• Enable Timer2 by setting the TMR2ON bit
(T2CON<2>).
10. Enable PWM outputs after a new PWM cycle
has started:
• Wait until TMRx overflows (TMRxIF bit is set).
• Enable the CCP1/P1A, P1B, P1C and/or P1D
pin outputs by clearing the respective TRIS
bits.
• Clear the ECCPASE bit (ECCP1AS<7>).
17.4.10
OPERATION IN POWER-MANAGED
MODES
In Sleep mode, all clock sources are disabled. Timer2
will not increment and the state of the module will not
change. If the ECCP pin is driving a value, it will continue
to drive that value. When the device wakes up, it will
continue from this state. If Two-Speed Start-ups are
enabled, the initial start-up frequency from INTOSC and
the postscaler may not be stable immediately.
In PRI_IDLE mode, the primary clock will continue to
clock the ECCP module without change. In all other
power-managed modes, the selected power-managed
mode clock will clock Timer2. Other power-managed
mode clocks will most likely be different than the
primary clock frequency.
17.4.10.1
Operation with Fail-Safe
Clock Monitor
If the Fail-Safe Clock Monitor is enabled, a clock failure
will force the device into the power-managed RC_RUN
mode and the OSCFIF bit (PIR2<7>) will be set. The
ECCP will then be clocked from the internal oscillator
clock source, which may have a different clock
frequency than the primary clock.
See the previous section for additional details.
17.4.11
EFFECTS OF A RESET
Both Power-on Reset and subsequent Resets will force
all ports to Input mode and the CCP registers to their
Reset states.
This forces the Enhanced CCP module to reset to a
state compatible with the standard CCP module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com