công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACT8712QLCHA-T bảng dữ liệu(PDF) 22 Page - Active-Semi, Inc

tên linh kiện ACT8712QLCHA-T
Giải thích chi tiết về linh kiện  Four Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTIVE-SEMI [Active-Semi, Inc]
Trang chủ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8712QLCHA-T bảng dữ liệu(HTML) 22 Page - Active-Semi, Inc

Back Button ACT8712QLCHA-T Datasheet HTML 18Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 19Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 20Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 21Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 22Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 23Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 24Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 25Page - Active-Semi, Inc ACT8712QLCHA-T Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
STEP-DOWN DC/DC CONVERTERS
Rev0, 25-Feb-08
ACT8712
Innovative Products. Active Solutions.
- 22 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
Input Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 2.2µF
ceramic capacitor for each of REG1 and REG2 is
recommended for most applications.
Output Capacitor Selection
For most applications, 10µF ceramic output capaci-
tors are recommended for both REG1 and REG2.
Although the these regulators were designed to
take advantage of the benefits of ceramic capaci-
tors, namely small size and very-low ESR, low-ESR
tantalum capacitors can provide acceptable results
as well.
Inductor Selection
REG1 and REG2 utilize current-mode control and a
proprietary internal compensation scheme to simul-
taneously simplify external component selection
and optimize transient performance over their full
operating range. These devices were optimized for
operation with 3.3µH inductors, although inductors
in the 2.2µH to 4.7µH range can be used. Choose
an inductor with a low DC-resistance, and avoid
inductor saturation by choosing inductors with DC
ratings that exceed the maximum output current of
the application by at least 30%.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-
down DC/DC converter design. A good design mini-
mizes excessive EMI on the feedback paths and
voltage gradients in the ground plane, both of which
can result in instability or regulation errors. Step-
down DC/DCs exhibit discontinuous input current,
so the input capacitors should be placed as close
as possible to the IC, and avoiding the use of vias if
possible. The inductor, input filter capacitor, and
output filter capacitor should be connected as close
together as possible, with short, direct, and wide
traces. The ground nodes for each regulator’s
power loop should be connected at a single point in
a star-ground configuration, and this point should
be connected to the backside ground plane with
multiple vias. The output node for each regulator
should be connected to its corresponding OUTx pin
through the shortest possible route, while keeping
sufficient distance from switching nodes to prevent
noise injection. Finally, the exposed pad should be
directly connected to the backside ground plane
using multiple vias to achieve low electrical and
thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36