| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT8325 bảng dữ liệu(PDF) 5 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8325 bảng dữ liệu(HTML) 5 Page - Active-Semi, Inc |
|
5 / 11 page ![]() ACT8325 Rev0, 13-May-08 Active-Semi Innovative Power TM - 5 - www.active-semi.com Copyright © 2008 Active-Semi, Inc. ActivePMU TM is a trademark of Active-Semi. : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT VP1, SW1, VP2, SW2 to GP12, FB1, FB2, ON1, ON2 to GA -0.3 to +6 V SW1 to VP1, SW2 to VP2 -6 to +0.3 V GP12 to GA -0.3 to +0.3 V Junction to Ambient Thermal Resistance (θJA) 33 °C/W Operating Temperature Range -40 to 85 °C Junction Temperature 125 °C Storage Temperature -55 to 150 °C Lead Temperature (Soldering, 10 sec) 300 °C |