| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EBJ41HE4BAFA bảng dữ liệu(PDF) 11 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EBJ41HE4BAFA bảng dữ liệu(HTML) 11 Page - Elpida Memory |
|
11 / 21 page ![]() EBJ41HE4BAFA Data Sheet E1256E40 (Ver. 4.0) 11 Note : 1. DQ wiring may be changed within a nibble. * D0 to D35: 1G bits DDR3 SDRAM Address, BA: A0 to A15, BA0 to BA2 Command: /RAS, /CAS, /WE U1: 256 bytes EEPROM Rs1: 15 9 Rs2: 22 9 Rs3: 36 9 Rs4: 120 9 Rs5: 240 9 Register: SSTE32882 RS2 RS2 RS2 RS2 RS2 RS2 RS2 RS2 RS2 /CS0 /CS1 BA Address Command CKE0 CKE1 ODT0 ODT1 /RCS0_A -> /CS0: SDRAMs D0 to D3, D8 to D12, D17 /RCS0_B -> /CS0: SDRAMs D22 to D25, D31 to D34 /RCS1_A -> /CS1: SDRAMs D18 to D21, D26 to D30, D35 /RCS1_B -> /CS1: SDRAMs D4 to D7, D13 to D16 R E G I S T E R / P L L /RESET /RESET: SDRAMs D0 to D35 /RESET CK0 RS2 RBA_A -> BA0 to BA2: SDRAMs D0 to D3, D8 to D12, D17 to D21, D26 to D30, D35 RBA_B -> BA0 to BA2: SDRAMs D4 to D7, D13 to D16, D22 to D25, D31 to D34 RAddress_A -> A0 to A13: SDRAMs D0 to D3, D8 to D12, D17 to D21, D26 to D30, D35 RAddress_B -> A0 to A13: SDRAMs D4 to D7, D13 to D16, D22 to D25, D31 to D34 RCommand_A -> /RAS, /CAS, /WE: SDRAMs D0 to D3, D8 to D12, D17 to D21, D26 to D30, D35 RCommand_B -> /RAS, /CAS, /WE: SDRAMs D4 to D7, D13 to D16, D22 to D25, D31 to D34 RCKE0_A -> CKE: SDRAMs D0 to D3, D8 to D12, D17 RCKE0_B -> CKE: SDRAMs D22 to D25, D31 to D34 RODT0_A -> ODT: SDRAMs D0 to D3, D8 to D12, D17 RODT0_B -> ODT: SDRAMs D22 to D25, D31 to D34 RCKE1_A -> CKE: SDRAMs D18 to D21, D26 to D30, D35 RCKE1_B -> CKE: SDRAMs D4 to D7, D13 to D16 RODT1_A -> ODT: SDRAMs D18 to D21, D26 to D30, D35 RODT1_B -> ODT: SDRAMs D4 to D7, D13 to D16 PCK0_A -> CK: SDRAMs D0 to D3, D8 to D12, D17 PCK0_B -> CK: SDRAMs D4 to D7, D13 to D16 PCK1_A -> CK: SDRAMs D18 to D21, D26 to D30, D35 PCK1_B -> CK: SDRAMs D22 to D25, D31 to D34 /CK0 Par_In /Err_Out /PCK0_A -> /CK: SDRAMs D0 to D3, D8 to D12, D17 /PCK0_B -> /CK: SDRAMs D4 to D7, D13 to D16 /PCK1_A -> /CK: SDRAMs D18 to D21, D26 to D30, D35 /PCK1_B -> /CK: SDRAMs D22 to D25, D31 to D34 A2 Serial PD SDA A0 A1 /EVENT /EVENT SCL SA0 SA1 SA2 SDA SCL U1 VDDSPD SPD VREFDQ SDRAMs (D0 to D35) VTT VREFCA SDRAMs (D0 to D35) VDD SDRAMs (D0 to D35) VSS SDRAMs (D0 to D35), SPD D1 D2 D3 D4 Register D5 D6 D7 D0 D9 D10 D11 D8 D17 D12 D13 D14 D15 D16 Address, command and control line D28 D29 D30 D18 D35 D27 D19 D20 D26 D21 D22 D25 D32 D34 D23 D24 D31 D33 Teminated at near card edge CK1 /CK1 Block Diagram (2) |