| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F44J10-I/SO bảng dữ liệu(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-I/SO bảng dữ liệu(HTML) 39 Page - Microchip Technology |
|
39 / 368 page ![]() © 2009 Microchip Technology Inc. DS39682E-page 37 PIC18F45J10 FAMILY 4.2.3 RC_RUN MODE In RC_RUN mode, the CPU and peripherals are clocked from the internal oscillator; the primary clock is shut down. This mode provides the best power conser- vation of all the Run modes, while still executing code. It works well for user applications which are not highly timing-sensitive or do not require high-speed clocks at all times. This mode is entered by setting SCS<1:0> to ‘11’. When the clock source is switched to the INTRC (see Figure 4-2), the primary oscillator is shut down and the OSTS bit is cleared. On transitions from RC_RUN mode to PRI_RUN mode, the device continues to be clocked from the INTRC while the primary clock is started. When the primary clock becomes ready, a clock switch to the primary clock occurs (see Figure 4-3). When the clock switch is complete, the OSTS bit is set and the primary clock is providing the device clock. The IDLEN and SCS bits are not affected by the switch. The INTRC source will continue to run if either the WDT or the Fail-Safe Clock Monitor is enabled. FIGURE 4-2: TRANSITION TIMING TO RC_RUN MODE FIGURE 4-3: TRANSITION TIMING FROM RC_RUN MODE TO PRI_RUN MODE Q4 Q3 Q2 OSC1 Peripheral Program Q1 INTRC Q1 Counter Clock CPU Clock PC + 2 PC 123 n-1 n Clock Transition Q4 Q3 Q2 Q1 Q3 Q2 PC + 4 Q1 Q3 Q4 OSC1 Peripheral Program PC INTRC Q1 PC + 4 Q2 Q3 Q4 Q1 CPU Clock PC + 2 Clock Counter Q2 Q2 Q3 Note 1: TOST = 1024 TOSC. These intervals are not shown to scale. SCS<1:0> bits Changed OSTS bit Set TOST(1) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |