công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F44J10-I/PSQTP bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện PIC18F44J10-I/PSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/PSQTP bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button PIC18F44J10-I/PSQTP Datasheet HTML 8Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 9Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 10Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 11Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 12Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 13Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 14Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 15Page - Microchip Technology PIC18F44J10-I/PSQTP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 10
© 2009 Microchip Technology Inc.
FIGURE 1-1:
PIC18F24J10/25J10 (28-PIN) BLOCK DIAGRAM
Instruction
Decode and
Control
PORTA
PORTB
PORTC
RA5/AN4/SS1/C2OUT
RB0/INT0/FLT0/AN12
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1
RC3/SCK1/SCL1
RC4/SDI1/SDA1
RC5/SDO1
RC6/TX/CK
RC7/RX/DT
RA3/AN3/VREF+
RA2/AN2/VREF-/CVREF
RA1/AN1
RA0/AN0
RB1/INT1/AN10
Data Latch
Data Memory
(1 Kbyte)
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
(16/32 Kbytes)
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
RB2/INT2/AN8
RB3/AN9/CCP2(1)
PCLATU
PCU
Note
1:
CCP2 is multiplexed with RC1 when Configuration bit, CCP2MX, is set, or RB3 when CCP2MX is not set.
2:
Brown-out Reset is not available in PIC18LF2XJ10/4XJ10 devices.
RB4/KBI0/AN11
RB5/KBI1/T0CKI/C1OUT
RB6/KBI2/PGC
RB7/KBI3/PGD
EUSART
Comparator
MSSP
10-Bit
ADC
Timer2
Timer1
Timer0
CCP2
CCP1
W
Instruction Bus <16>
STKPTR
Bank
8
State Machine
Control Signals
Decode
8
8
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out(2)
Reset
Internal
Oscillator
Fail-Safe
Clock Monitor
Precision
Reference
Band Gap
Block
INTRC
Oscillator
Single-Supply
Programming
In-Circuit
Debugger
BOR(2)
OSC1
OSC2
VDD,VSS
MCLR
T1OSI
T1OSO
VDDCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More