| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F44J10-I/SOSQTP bảng dữ liệu(PDF) 160 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-I/SOSQTP bảng dữ liệu(HTML) 160 Page - Microchip Technology |
|
160 / 368 page ![]() PIC18F45J10 FAMILY DS39682E-page 158 © 2009 Microchip Technology Inc. TABLE 16-2: REGISTERS ASSOCIATED WITH SPI OPERATION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 47 PIR1 PSPIF(1) ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 49 PIE1 PSPIE(1) ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 49 IPR1 PSPIP(1) ADIP RCIP TXIP SSP1IP CCP1IP TMR2IP TMR1IP 49 PIR3 SSP2IF BCL2IF — — — — — —49 PIE3 SSP2IE BCL2IE — — — — — —49 IPR3 SSP2IP BCL2IP — — — — — —49 TRISA — — TRISA5 — TRISA3 TRISA2 TRISA1 TRISA0 50 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 50 TRISD(1) TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 50 SSP1BUF MSSP1 Receive Buffer/Transmit Register 48 SSP1CON1 WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 48 SSP1STAT SMP CKE D/A P S R/W UA BF 48 SSP2BUF MSSP2 Receive Buffer/Transmit Register 50 SSP2CON1 WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 50 SSP2STAT SMP CKE D/A P S R/W UA BF 50 Legend: Shaded cells are not used by the MSSP module in SPI mode. Note 1: These registers and/or bits are not implemented on 28-pin devices and should be read as ‘0’. |