| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F44J10-I/SOSQTP bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-I/SOSQTP bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 368 page ![]() PIC18F45J10 FAMILY DS39682E-page 10 © 2009 Microchip Technology Inc. FIGURE 1-1: PIC18F24J10/25J10 (28-PIN) BLOCK DIAGRAM Instruction Decode and Control PORTA PORTB PORTC RA5/AN4/SS1/C2OUT RB0/INT0/FLT0/AN12 RC0/T1OSO/T1CKI RC1/T1OSI/CCP2(1) RC2/CCP1 RC3/SCK1/SCL1 RC4/SDI1/SDA1 RC5/SDO1 RC6/TX/CK RC7/RX/DT RA3/AN3/VREF+ RA2/AN2/VREF-/CVREF RA1/AN1 RA0/AN0 RB1/INT1/AN10 Data Latch Data Memory (1 Kbyte) Address Latch Data Address<12> 12 Access BSR FSR0 FSR1 FSR2 inc/dec logic Address 4 12 4 PCH PCL PCLATH 8 31 Level Stack Program Counter PRODL PRODH 8 x 8 Multiply 8 BITOP 8 8 ALU<8> Address Latch Program Memory (16/32 Kbytes) Data Latch 20 8 8 Table Pointer<21> inc/dec logic 21 8 Data Bus<8> Table Latch 8 IR 12 3 ROM Latch RB2/INT2/AN8 RB3/AN9/CCP2(1) PCLATU PCU Note 1: CCP2 is multiplexed with RC1 when Configuration bit, CCP2MX, is set, or RB3 when CCP2MX is not set. 2: Brown-out Reset is not available in PIC18LF2XJ10/4XJ10 devices. RB4/KBI0/AN11 RB5/KBI1/T0CKI/C1OUT RB6/KBI2/PGC RB7/KBI3/PGD EUSART Comparator MSSP 10-Bit ADC Timer2 Timer1 Timer0 CCP2 CCP1 W Instruction Bus <16> STKPTR Bank 8 State Machine Control Signals Decode 8 8 Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Brown-out(2) Reset Internal Oscillator Fail-Safe Clock Monitor Precision Reference Band Gap Block INTRC Oscillator Single-Supply Programming In-Circuit Debugger BOR(2) OSC1 OSC2 VDD,VSS MCLR T1OSI T1OSO VDDCORE |