| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST1111J bảng dữ liệu(PDF) 7 Page - Silicon Touch Technology Inc. |
|
|
|||||||||||||||||||||||||||||
ST1111J bảng dữ liệu(HTML) 7 Page - Silicon Touch Technology Inc. |
|
7 / 8 page ![]() 點晶科技股份有限公司 SILICON TOUCH TECHNOLOGY INC. ST1111J SP-ST1111J-A.005 Version :A.005 Page :6 The power dissipated by the IC varies widely with the supply voltage, the output current, and loading. It is important to ensure the application does not exceed the allowable power dissipation of the IC package. The recommended motor driver power dissipation versus temperature is depicted as follows: Power Dissipation-Temperature 0 50 100 150 200 250 300 350 400 0 25 50 75 100 125 150 Ambient Temperature ( ℃ ) |