công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DD331 bảng dữ liệu(PDF) 2 Page - Silicon Touch Technology Inc.

tên linh kiện DD331
Giải thích chi tiết về linh kiện  4-Channel Flexible LED Pre-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITI [Silicon Touch Technology Inc.]
Trang chủ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD331 bảng dữ liệu(HTML) 2 Page - Silicon Touch Technology Inc.

  DD331 Datasheet HTML 1Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 2Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD331 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DD331
High CONSTANT CURRENT LED DRIVERS
Version:A.002
Page
1
DD331
4-Channel Flexible LED Pre-Driver
General Description
DD331 is a 4-channel LED pre-driver. It could provide constant-current to drive LED
with four N-type MOSFETs and external resistors. The four output enable terminals are
designed to drive LED with PWM functions. The maximum voltage and current in LED
string are determined by specification of N-type MOSFET.
Features
◆
Four independent LED output channels enable terminals, and current adjustment.
◆
Flexible in system design:
Maximum constant current output (ILED),
maximum sinking output voltage (VLED), and
minimum output voltage
are determined by the characteristic of N-type MOSFET
◆
Fast dimming frequency
(determined by gate capacitance of MOSFET)
◆
Supply voltage range: 5V ~ 18V
Applications
LED architectural or entertainment lighting
LED general or specialty illumination
LED backlighting applications
Package Types
SOP16, SSOP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com