| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP3901A2-I/SS bảng dữ liệu(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3901A2-I/SS bảng dữ liệu(HTML) 51 Page - Microchip Technology |
|
51 / 60 page ![]() © 2009 Microchip Technology Inc. DS22192A-page 51 MCP3901 8.0 PACKAGING INFORMATION 8.1 Package Marking Information 20-Lead QFN (4x4)(ML) Example : Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXXX YWWNNN XXXXX I/ML^^ 922256 39010 3 e 20-Lead SSOP (SS) XXXXXXXX YYWWNNN MCP3901A0 XXXXXXXX I/SS^^ 922256 3 e Example: |