công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3901A2T-I/ML bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện MCP3901A2T-I/ML
Giải thích chi tiết về linh kiện  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/ML bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button MCP3901A2T-I/ML Datasheet HTML 47Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 48Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 49Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 50Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 51Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 52Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 53Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 54Page - Microchip Technology MCP3901A2T-I/ML Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 51
MCP3901
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
20-Lead QFN (4x4)(ML)
Example
:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXX
YWWNNN
XXXXX
I/ML^^
922256
39010
3
e
20-Lead SSOP (SS)
XXXXXXXX
YYWWNNN
MCP3901A0
XXXXXXXX
I/SS^^
922256
3
e
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60