| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP73223 bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73223 bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 34 page ![]() © 2009 Microchip Technology Inc. DS22191A-page 17 MCP73123/223 5.0 DETAILED DESCRIPTION 5.1 Undervoltage Lockout (UVLO) An internal undervoltage lockout (UVLO) circuit monitors the input voltage and keeps the charger in shutdown mode until the input supply rises above the UVLO threshold. In the event a battery is present when the input power is applied, the input supply must rise approximately 150 mV above the battery voltage before the MCP73123/223 device become operational. The UVLO circuit places the device in shutdown mode if the input supply falls to approximately 150 mV above the battery voltage.The UVLO circuit is always active. At any time, the input supply is below the UVLO threshold or approximately 150 mV of the voltage at the VBAT pin, the MCP73123/223 device is placed in a shutdown mode. 5.2 Overvoltage Protection (OVP) An internal overvoltage protection (OVP) circuit monitors the input voltage and keeps the charger in shutdown mode when the input supply rises above the OVP threshold. The hysteresis of OVP is approximately 150 mV for the MCP73123/223 device. The MCP73123/223 device is operational between UVLO and OVP threshold. The OVP circuit is also recognized as overvoltage lock out (OVLO). 5.3 Charge Qualification When the input power is applied, the input supply must rise 150 mV above the battery voltage before the MCP73123/223 becomes operational. The automatic power down circuit places the device in a shutdown mode if the input supply falls to within +50 mV of the battery voltage. The automatic circuit is always active. At any time the input supply is within +50 mV of the voltage at the VBAT pin, the MCP73123/223 is placed in a shutdown mode. For a charge cycle to begin, the automatic power down conditions must be met and the charge enable input must be above the input high threshold. 5.3.1 BATTERY MANAGEMENT INPUT SUPPLY (VDD) The VDD input is the input supply to the MCP73123/ 223. The MCP73123/223 automatically enters a Power-down mode if the voltage on the VDD input falls to within +50 mV of the battery voltage. This feature prevents draining the battery pack when the VDD supply is not present. 5.3.2 BATTERY CHARGE CONTROL OUTPUT (VBAT) The battery charge control output is the drain terminal of an internal P-channel MOSFET. The MCP73123/223 provides constant current and voltage regulation to the battery pack by controlling this MOSFET in the linear region. The battery charge control output should be connected to the positive terminal of the battery pack. 5.3.3 BATTERY DETECTION The MCP73123/223 detects the battery presence with charging of the output capacitor. The charge flow will initiate when the voltage on VBAT is pulled below the VRECHARGE threshold. Refer to Section 1.0 “Electrical Characteristics” for V RECHARGE values. The value will be the same for non-rechargeable device. When VBAT > VREG + Hysteresis, the charge will be suspended or not start, depends on the condition to prevent over charge that may occur. 5.4 Preconditioning If the voltage at the VBAT pin is less than the preconditioning threshold, the MCP73123/223 device enters a preconditioning mode. The preconditioning threshold is factory set. Refer to Section 1.0 “Electrical Characteristics” for preconditioning threshold options. In this mode, the MCP73123/223 device supplies 10% of the fast charge current (established with the value of the resistor connected to the PROG pin) to the battery. When the voltage at the VBAT pin rises above the preconditioning threshold, the MCP73123/223 device enters the constant current (fast charge) mode. 5.4.1 TIMER EXPIRED DURING PRECONDITIONING MODE If the internal timer expires before the voltage threshold is reached for fast charge mode, a timer fault is indicated and the charge cycle terminates. The MCP73123/223 device remains in this condition until the battery is removed or input power is cycled. If the battery is removed, the MCP73123/223 device enters the Stand-by mode where it remains until a battery is reinserted. Note: In order to extend the battery cycle life, the charge will initiate only when battery voltage is below 3.4V per cell. Note: The MCP73123/223 also offer options with no preconditioning. Note: The typical preconditioning timer for MCP73123/223 is 32 minutes. The MCP73123/223 also offer options with no preconditioning timer. |