công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2036-E/P bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP2036-E/P
Giải thích chi tiết về linh kiện  Inductive Sensor Analog Front End Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2036-E/P bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP2036-E/P Datasheet HTML 2Page - Microchip Technology MCP2036-E/P Datasheet HTML 3Page - Microchip Technology MCP2036-E/P Datasheet HTML 4Page - Microchip Technology MCP2036-E/P Datasheet HTML 5Page - Microchip Technology MCP2036-E/P Datasheet HTML 6Page - Microchip Technology MCP2036-E/P Datasheet HTML 7Page - Microchip Technology MCP2036-E/P Datasheet HTML 8Page - Microchip Technology MCP2036-E/P Datasheet HTML 9Page - Microchip Technology MCP2036-E/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP2036
DS22186B-page 6
© 2009 Microchip Technology Inc.
2.9
Detector Output Voltage (VDETOUT)
The amplifier/filter output from the detector. This is a
low-impedance analog output pin (VOUT) for driving the
microcontroller ADC. The detector output is rail-to-rail.
2.10
Inputs for Output Detector (VDET+,
VDET-)
The non-inverting and inverting inputs for the
amplifier/filter op amp. The two inputs are connected to
the output of the mixer circuit through two internal
10K
Ω resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30