| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4152T-104E/P bảng dữ liệu(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4152T-104E/P bảng dữ liệu(HTML) 65 Page - Microchip Technology |
|
65 / 88 page ![]() © 2008 Microchip Technology Inc. DS22060B-page 65 MCP413X/415X/423X/425X 10.0 PACKAGING INFORMATION 10.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (3x3) Example : Part Number Code Part Number Code MCP4131-502E/MF DAAE MCP4132-502E/MF DAAY MCP4131-103E/MF DAAF MCP4132-103E/MF DAAZ MCP4131-104E/MF DAAH MCP4132-104E/MF DABB MCP4131-503E/MF DAAG MCP4132-503E/MF DABA MCP4151-502E/MF DAAP MCP4152-502E/MF DAAA MCP4151-103E/MF DAAQ MCP4152-103E/MF DABD MCP4151-104E/MF DAAS MCP4152-104E/MF DAAD MCP4151-503E/MF DAAR MCP4152-503E/MF DAAC DAAE 0817 256 XXXX YYWW NNN 8-Lead MSOP XXXXXX YWWNNN Example 413152 817256 Part Number Code Part Number Code MCP4131-502E/MS 413152 MCP4132-502E/MS 413252 MCP4131-103E/MS 413113 MCP4132-103E/MS 413213 MCP4131-104E/MS 413114 MCP4132-104E/MS 413214 MCP4131-503E/MS 413153 MCP4132-503E/MS 413253 MCP4151-502E/MS 415152 MCP4152-502E/MS 415252 MCP4151-103E/MS 415113 MCP4152-103E/MS 415213 MCP4151-104E/MS 415114 MCP4152-104E/MS 415214 MCP4151-503E/MS 415153 MCP4152-503E/MS 415253 XXXXXNNN 8-Lead PDIP XXXXXXXX YYWW E/P 256 Example 4131-502 0817 3 e 8-Lead SOIC XXXXXXXX XXXXYYWW NNN Example 4131502E SN^^^0817 256 3 e |