| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4162T-502I/MS bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4162T-502I/MS bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 26 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD =5V, VSS = 0V. FIGURE 2-55: Nominal EEPROM Write Cycle Time vs. VDD and Temperature. FIGURE 2-56: POR/BOR Trip point vs. VDD and Temperature. FIGURE 2-57: SCK Input Frequency vs. Voltage and Temperature. 2.1 Test Circuits FIGURE 2-58: -3 db Gain vs. Frequency Test. 3.0 3.2 3.4 3.6 3.8 4.0 4.2 -40 0 40 80 120 Temperature (°C) 0 0.2 0.4 0.6 0.8 1 1.2 -40 0 40 80 120 Temperature (°C) 2.7V 5.5V 12.0 12.5 13.0 13.5 14.0 14.5 15.0 -40 0 40 80 120 Temperature (°C) 2.7V 5.5V + - VOUT 2.5V DC +5V A B W Offset GND VIN |