| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4152T-503E/ML bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4152T-503E/ML bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 22 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-30: 50 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-31: 50 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-32: 50 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V). FIGURE 2-33: 50 k Ω Rheo Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-34: 50 k Ω Rheo Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-35: 50 k Ω Rheo Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V). 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000 11000 12000 13000 14000 15000 064 128 192 256 Wiper Setting (decimal) -0.5 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: Refer to AN1080 for additional informa- tion on the characteristics of the wiper resistance (RW) with respect to device voltage and wiper setting value. 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -1 -0.75 -0.5 -0.25 0 0.25 0.5 0.75 1 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000 11000 12000 13000 14000 15000 0 25 50 75 100 125 150 175 200 225 250 Wiper Setting (decimal) -1.5 3.5 8.5 13.5 18.5 23.5 28.5 33.5 38.5 43.5 48.5 53.5 58.5 63.5 68.5 73.5 78.5 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: Refer to AN1080 for additional informa- tion on the characteristics of the wiper resistance (RW) with respect to device voltage and wiper setting value. |