công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4152T-502I/ML bảng dữ liệu(PDF) 65 Page - Microchip Technology

tên linh kiện MCP4152T-502I/ML
Giải thích chi tiết về linh kiện  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-502I/ML bảng dữ liệu(HTML) 65 Page - Microchip Technology

Back Button MCP4152T-502I/ML Datasheet HTML 61Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 62Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 63Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 64Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 65Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 66Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 67Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 68Page - Microchip Technology MCP4152T-502I/ML Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 65
MCP413X/415X/423X/425X
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead DFN (3x3)
Example
:
Part Number
Code
Part Number
Code
MCP4131-502E/MF
DAAE
MCP4132-502E/MF
DAAY
MCP4131-103E/MF
DAAF
MCP4132-103E/MF
DAAZ
MCP4131-104E/MF
DAAH
MCP4132-104E/MF
DABB
MCP4131-503E/MF
DAAG
MCP4132-503E/MF
DABA
MCP4151-502E/MF
DAAP
MCP4152-502E/MF
DAAA
MCP4151-103E/MF
DAAQ
MCP4152-103E/MF
DABD
MCP4151-104E/MF
DAAS
MCP4152-104E/MF
DAAD
MCP4151-503E/MF
DAAR
MCP4152-503E/MF
DAAC
DAAE
0817
256
XXXX
YYWW
NNN
8-Lead MSOP
XXXXXX
YWWNNN
Example
413152
817256
Part Number
Code
Part Number
Code
MCP4131-502E/MS
413152
MCP4132-502E/MS
413252
MCP4131-103E/MS
413113
MCP4132-103E/MS
413213
MCP4131-104E/MS
413114
MCP4132-104E/MS
413214
MCP4131-503E/MS
413153
MCP4132-503E/MS
413253
MCP4151-502E/MS
415152
MCP4152-502E/MS
415252
MCP4151-103E/MS
415113
MCP4152-103E/MS
415213
MCP4151-104E/MS
415114
MCP4152-104E/MS
415214
MCP4151-503E/MS
415153
MCP4152-503E/MS
415253
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
E/P
256
Example
4131-502
0817
3
e
8-Lead SOIC
XXXXXXXX
XXXXYYWW
NNN
Example
4131502E
SN^^^0817
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88