công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP40D17 bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện MCP40D17
Giải thích chi tiết về linh kiện  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 43Page - Microchip Technology MCP40D17 Datasheet HTML 44Page - Microchip Technology MCP40D17 Datasheet HTML 45Page - Microchip Technology MCP40D17 Datasheet HTML 46Page - Microchip Technology MCP40D17 Datasheet HTML 47Page - Microchip Technology MCP40D17 Datasheet HTML 48Page - Microchip Technology MCP40D17 Datasheet HTML 49Page - Microchip Technology MCP40D17 Datasheet HTML 50Page - Microchip Technology MCP40D17 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 47
MCP40D17/18/19
7.0
DESIGN CONSIDERATIONS
In the design of a system with the MCP40D17/18/19
devices, the following considerations should be taken
into account. These are:
• The Power Supply
• The Layout
In the design of a system with the MCP40D17/18/19
devices, the following considerations should be taken
into account:
• Power Supply Considerations
• Layout Considerations
7.1
Power Supply Considerations
The typical application will require a bypass capacitor
in order to filter high-frequency noise, which can be
induced onto the power supply's traces. The bypass
capacitor helps to minimize the effect of these noise
sources on signal integrity. Figure 7-1 illustrates an
appropriate bypass strategy.
In this example, the recommended bypass capacitor
value is 0.1 µF. This capacitor should be placed as
close to the device power pin (VDD) as possible (within
4mm).
The power source supplying these devices should be
as clean as possible. If the application circuit has
separate digital and analog power supplies, VDD and
VSS should reside on the analog plane.
FIGURE 7-1:
Typical Microcontroller
Connections.
7.2
Layout Considerations
Inductively-coupled AC transients and digital switching
noise can degrade the input and output signal integrity,
potentially
masking
the
MCP40D17/18/19’s
performance. Careful board layout will minimize these
effects and increase the Signal-to-Noise Ratio (SNR).
Bench testing has shown that a multi-layer board
utilizing a low-inductance ground plane, isolated inputs,
isolated outputs and proper decoupling are critical to
achieving the performance that the silicon is capable of
providing. Particularly harsh environments may require
shielding of critical signals.
If low noise is desired, breadboards and wire-wrapped
boards are not recommended.
7.2.1
RESISTOR TEMPCO
Characterization curves of the resistor temperature
coefficient
(Tempco)
are
shown
in
Figure 2-11,
Figure 2-29, Figure 2-47, and Figure 2-65.
These curves show that the resistor network is
designed to correct for the change in resistance as
temperature increases. This technique reduces the
end to end change is RAB resistance.
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
SCL
SDA
W
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com