| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4161T-503E/MS bảng dữ liệu(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4161T-503E/MS bảng dữ liệu(HTML) 43 Page - Microchip Technology |
|
43 / 88 page ![]() © 2008 Microchip Technology Inc. DS22059B-page 43 MCP414X/416X/424X/426X FIGURE 6-5: 16-Bit Read Command for Devices with SDI/SDO multiplexed - SPI Waveform (Mode 1,1). FIGURE 6-6: 16-Bit Read Command for Devices with SDI/SDO multiplexed - SPI Waveform (Mode 0,0). CS SCK Write to SSPBUF SDI Input Sample SDO bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 bit15 bit14 bit13 bit12 AD3 AD2 AD1 AD0 C1 C0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 VIH VIL CMDERR bit Note 1: The SDI pin will read the state of the SDI pin which will be the SDO signal, unless overdriven (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) 11 VIHH CS SCK Write to SSPBUF SDI Input Sample SDO bit9 bit8 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 bit15 bit14 bit13 bit12 AD3 AD2 AD1 AD0 C1 C0 D8 D7 D6 D5 D4 D3 D2 D1 D0 X VIH VIL CMDERR bit Note 1: The SDI pin will read the state of the SDI pin which will be the SDO signal, unless overdriven (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) 11 VIHH |