| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4151-502I/ST bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4151-502I/ST bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 2 © 2008 Microchip Technology Inc. Device Block Diagram Device Features Device Wiper Configuration Resistance (typical) VDD Operating Range (2) RAB Options (kΩ) Wiper - RW (Ω) MCP4131 (3) 1 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4132 (3) 1 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4141 1 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4142 1 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4151 (3) 1 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4152 (3) 1 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4161 1 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V MCP4162 1 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V MCP4231 (3) 2 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4232 (3) 2 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4241 2 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4242 2 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4251 (3) 2 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4252 (3) 2 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4261 2 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V MCP4262 2 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V Note 1: Floating either terminal (A or B) allows the device to be used as a Rheostat (variable resistor). 2: Analog characteristics only tested from 2.7V to 5.5V unless otherwise noted. 3: Please check Microchip web site for device release and availability. Power-up/ Brown-out Control VDD VSS SPI Serial Interface Module & Control Logic (WiperLock™ Technology) Resistor Network 0 (Pot 0) Wiper 0 & TCON Register Resistor Network 1 (Pot 1) Wiper 1 & TCON Register CS SCK SDI SDO NC SHDN Memory (4x9) Wiper0 Wiper1 TCON STATUS P0A P0W P0B P1A P1W P1B For Dual Resistor Network Devices Only For Dual Potentiometer Devices Only |