| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4151-103E/SL bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4151-103E/SL bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 14 © 2008 Microchip Technology Inc. TEMPERATURE CHARACTERISTICS Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS =GND. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 8L-DFN (3x3) θJA — 84.5 — °C/W Thermal Resistance, 8L-MSOP θJA —211 — °C/W Thermal Resistance, 8L-PDIP θJA — 89.3 — °C/W Thermal Resistance, 8L-SOIC θJA — 149.5 — °C/W Thermal Resistance, 10L-DFN (3x3) θJA —57 — °C/W Thermal Resistance, 10L-MSOP θJA —211 — °C/W Thermal Resistance, 14L-PDIP θJA —70 — °C/W Thermal Resistance, 14L-SOIC θJA — 95.3 — °C/W Thermal Resistance, 14L-TSSOP θJA —100 — °C/W Thermal Resistance, 16L-QFN θJA —47 — °C/W |