công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP23S09T-E/P bảng dữ liệu(PDF) 26 Page - Microchip Technology

tên linh kiện MCP23S09T-E/P
Giải thích chi tiết về linh kiện  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09T-E/P bảng dữ liệu(HTML) 26 Page - Microchip Technology

Back Button MCP23S09T-E/P Datasheet HTML 22Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 23Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 24Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 25Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 26Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 27Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 28Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 29Page - Microchip Technology MCP23S09T-E/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 26
© 2009 Microchip Technology Inc.
1.6.11
OUTPUT LATCH REGISTER (OLAT)
The OLAT register provides access to the output
latches. A read from this register results in a read of the
OLAT and not the port itself. A write to this register
modifies the output latches that modifies the pins
configured as outputs.
REGISTER 1-11:
OLAT – OUTPUT LATCH REGISTER 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
OL7:OL0: Reflects the logic level on the output latch <7:0>.
1
=Logic-high
0
= Logic-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50