| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP23009T bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23009T bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 50 page ![]() © 2009 Microchip Technology Inc. DS22121B-page 27 MCP23009/MCP23S09 1.7 Interrupt Logic If enabled, the MCP23X09 activates the INT interrupt output when one of the port pins changes state or when a pin does not match the pre-configured default. Each pin is individually configurable as follows: • Enable/disable interrupt via GPINTEN • Can interrupt on either pin change or change from default as configured in DEFVAL Both conditions are referred to as Interrupt on Change (IOC). The Interrupt Control Module uses the following registers/bits: • GPINTEN - Interrupt enable register • INTCON - Controls the source for the IOC • DEFVAL - Contains the register default for IOC operation • IOCON (ODR and INTPOL) - configures the INT pin as push-pull, open-drain, and active level (high or low). 1.7.1 IOC FROM PIN CHANGE If enabled, the MCP23X09 will generate an interrupt if a mismatch condition exists between the current port value and the previous port value. Only IOC enabled pins will be compared. See GPINTEN and INTCON registers. 1.7.2 IOC FROM REGISTER DEFAULT If enabled, the MCP23X09 will generate an interrupt if a mismatch occurs between the DEFVAL register and the port. Only IOC enabled pins will be compared. See GPINTEN, INTCON, and DEFVAL registers. 1.7.3 INTERRUPT OPERATION The INT interrupt output can be configured as “active low”, “active high”, or “open-drain” via the IOCON register. Only those pins that are configured as an input (IODIR register) with interrupt-on-change (IOC) enabled (GPINTEN register) can cause an interrupt. Pins configured as an output have no effect on the interrupt output pin. Input change activity on a port input pin that is enabled for IOC will generate an internal device interrupt and the device will capture the value of the port and copy it into INTCAP. The first interrupt event will cause the port contents to be copied into the INTCAP register. Subsequent interrupt conditions on the port will not cause an interrupt to occur as long as the interrupt is not cleared by a read of INTCAP or GPIO. 1.7.4 CLEARING INTERRUPTS The interrupt will remain active until the INTCAP or GPIO register is read (depending on IOCON.INTCC). Writing to these registers will not affect the interrupt. The interrupt condition will be cleared after the LSb of the data is clocked out during a Read operation of GPIO or INTCAP (depending on IOCON.INTCC). Note: Assuming IOCON.INTCC = 0 (INT cleared on GPIO read): The value in INTCAP can be lost if GPIO is read before INTCAP while another IOC is pending. After read- ing GPIO, the interrupt will clear and then set due to the pending IOC, causing the INTCAP register to update. |