công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4541-503E/MF bảng dữ liệu(PDF) 71 Page - Microchip Technology

tên linh kiện MCP4541-503E/MF
Giải thích chi tiết về linh kiện  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541-503E/MF bảng dữ liệu(HTML) 71 Page - Microchip Technology

Back Button MCP4541-503E/MF Datasheet HTML 67Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 68Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 69Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 70Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 71Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 72Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 73Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 74Page - Microchip Technology MCP4541-503E/MF Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
© 2008 Microchip Technology Inc.
DS22107A-page 71
MCP454X/456X/464X/466X
9.0
DEVICE OPTIONS
Additional, custom devices are available. These
devices have weak pull-up resistors on the SDA and
SCL pins. This is useful for applications where the
wiper value is programmed durning manufacture and
not modified by the system during normal operation.
Please contact your local sales office for current infor-
mation and minimum volumn requirements.
9.1
Custom Options
The custom device will have a “P” (for Pull-up) after the
resistance version in the Product Identification System.
These device will not be available through Microchip’s
online Microchip Direct nor Microchip’s Sample sys-
tems.
Example part number:
MCP4641-103PE/ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92