| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4541-502E/MF bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-502E/MF bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 92 page ![]() © 2008 Microchip Technology Inc. DS22107A-page 71 MCP454X/456X/464X/466X 9.0 DEVICE OPTIONS Additional, custom devices are available. These devices have weak pull-up resistors on the SDA and SCL pins. This is useful for applications where the wiper value is programmed durning manufacture and not modified by the system during normal operation. Please contact your local sales office for current infor- mation and minimum volumn requirements. 9.1 Custom Options The custom device will have a “P” (for Pull-up) after the resistance version in the Product Identification System. These device will not be available through Microchip’s online Microchip Direct nor Microchip’s Sample sys- tems. Example part number: MCP4641-103PE/ST |