công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6V06 bảng dữ liệu(PDF) 32 Page - Microchip Technology

tên linh kiện MCP6V06
Giải thích chi tiết về linh kiện  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06 bảng dữ liệu(HTML) 32 Page - Microchip Technology

Back Button MCP6V06 Datasheet HTML 28Page - Microchip Technology MCP6V06 Datasheet HTML 29Page - Microchip Technology MCP6V06 Datasheet HTML 30Page - Microchip Technology MCP6V06 Datasheet HTML 31Page - Microchip Technology MCP6V06 Datasheet HTML 32Page - Microchip Technology MCP6V06 Datasheet HTML 33Page - Microchip Technology MCP6V06 Datasheet HTML 34Page - Microchip Technology MCP6V06 Datasheet HTML 35Page - Microchip Technology MCP6V06 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MCP6V06/7/8
DS22093B-page 32
© 2008 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP6VO6E
SN
0823
256
3
e
XXXXXX
8-Lead DFN (4x4) (MCP6V07)
XXXXXX
YYWW
NNN
Example
6V07
E/MD^^
0823
256
3
e
8-Lead TDFN (2x3) (MCP6V06, MCP6V08)
Example:
XXX
YWW
NN
AAC
838
25
Device
Code
MCP6V06
AAC
MCP6V08
AAD
Note: Applies to 8-Lead
2x3 TDFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44