| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4142-103E/ST bảng dữ liệu(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4142-103E/ST bảng dữ liệu(HTML) 65 Page - Microchip Technology |
|
65 / 88 page ![]() © 2008 Microchip Technology Inc. DS22059B-page 65 MCP414X/416X/424X/426X 10.0 PACKAGING INFORMATION 10.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (3x3) Example : Part Number Code Part Number Code MCP4141-502E/MF DAAJ MCP4142-502E/MF DABC MCP4141-103E/MF DAAK MCP4142-103E/MF DABD MCP4141-104E/MF DAAM MCP4142-104E/MF DABF MCP4141-503E/MF DAAL MCP4142-503E/MF DABE MCP4161-502E/MF DAAT MCP4162-502E/MF DABG MCP4161-103E/MF DAAU MCP4162-103E/MF DABH MCP4161-104E/MF DAAW MCP4162-104E/MF DABK MCP4161-503E/MF DAAV MCP4162-503E/MF DABJ DAAJ E816 256 XXXX XYWW NNN 8-Lead MSOP XXXXXX YWWNNN Example 414152 816256 Part Number Code Part Number Code MCP4141-502E/MS 414152 MCP4142-502E/MS 414252 MCP4141-103E/MS 414113 MCP4142-103E/MS 414213 MCP4141-104E/MS 414114 MCP4142-104E/MS 414214 MCP4141-503E/MS 414153 MCP4142-503E/MS 414253 MCP4161-502E/MS 416152 MCP4162-502E/MS 416252 MCP4161-103E/MS 416113 MCP4162-103E/MS 416213 MCP4161-104E/MS 416114 MCP4162-104E/MS 416214 MCP4161-503E/MS 416153 MCP4162-503E/MS 416253 |