| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4132-502E/P bảng dữ liệu(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4132-502E/P bảng dữ liệu(HTML) 39 Page - Microchip Technology |
|
39 / 88 page ![]() © 2008 Microchip Technology Inc. DS22060B-page 39 MCP413X/415X/423X/425X 5.3 Shutdown Shutdown is used to minimize the device’s current consumption. The MCP4XXX has two methods to achieve this. These are: • Hardware Shutdown Pin (SHDN) • Terminal Control Register (TCON) The Hardware Shutdown pin is backwards compatible with the MCP42XXX devices. 5.3.1 HARDWARE SHUTDOWN PIN (SHDN) The SHDN pin is available on the dual potentiometer devices. When the SHDN pin is forced active (VIL): • The P0A and P1A terminals are disconnected • The P0W and P1W terminals are simultaneously connect to the P0B and P1B terminals, respectively (see Figure 5-2) • The Serial Interface is NOT disabled, and all Serial Interface activity is executed The Hardware Shutdown pin mode does NOT corrupt the values in the Volatile Wiper Registers nor the TCON register. When the Shutdown mode is exited (SHDN pin is inactive (VIH)): • The device returns to the Wiper setting specified by the Volatile Wiper value • The TCON register bits return to controlling the terminal connection state FIGURE 5-2: Hardware Shutdown Resistor Network Configuration. 5.3.2 TERMINAL CONTROL REGISTER (TCON) The Terminal Control (TCON) register is a volatile register used to configure the connection of each resistor network terminal pin (A, B, and W) to the Resistor Network. This register is shown in Register 4-2. The RxHW bits forces the selected resistor network into the same state as the SHDN pin. Alternate low-power configurations may be achieved with the RxA, RxW, and RxB bits. 5.3.3 INTERACTION OF SHDN PIN AND TCON REGISTER Figure 5-3 shows how the SHDN pin signal and the RxHW bit signal interact to control the hardware shutdown of each resistor network (independently). Using the TCON bits allows each resistor network (Pot 0 and Pot 1) to be individually “shutdown” while the hardware pin forces both resistor networks to be “shut- down” at the same time. FIGURE 5-3: RxHW bit and SHDN pin Interaction. A B W Note: When the RxHW bit forces the resistor network into the hardware SHDN state, the state of the TCON register RxA, RxW, and RxB bits is overridden (ignored). When the state of the RxHW bit no longer forces the resistor network into the hard- ware SHDN state, the TCON register RxA, RxW, and RxB bits return to controlling the terminal connection state. In other words, the RxHW bit does not corrupt the state of the RxA, RxW, and RxB bits. SHDN (from pin) RxHW (from TCON register) To Pot x Hardware Shutdown Control |