| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4131-503E/P bảng dữ liệu(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4131-503E/P bảng dữ liệu(HTML) 63 Page - Microchip Technology |
|
63 / 88 page ![]() © 2008 Microchip Technology Inc. DS22060B-page 63 MCP413X/415X/423X/425X 9.0 DEVELOPMENT SUPPORT 9.1 Development Tools Several development tools are available to assist in your design and evaluation of the MCP4XXX devices. The currently available tools are shown in Table 9-1. These boards may be purchased directly from the Microchip web site at www.microchip.com. 9.2 Technical Documentation Several additional technical documents are available to assist you in your design and development. These technical documents include Application Notes, Technical Briefs, and Design Guides. Table 9-2 shows some of these documents. TABLE 9-1: DEVELOPMENT TOOLS TABLE 9-2: TECHNICAL DOCUMENTATION Board Name Part # Supported Devices MCP42XX Digital Potentiometer PICtail Plus Demo Board MCP42XXDM-PTPLS MCP42XX MCP4XXX Digital Potentiometer Daughter Board (1) MCP4XXXDM-DB MCP42XXX, MCP42XX, MCP4021, and MCP4011 8-pin SOIC/MSOP/TSSOP/DIP Evaluation Board SOIC8EV Any 8-pin device in DIP, SOIC, MSOP, or TSSOP package 14-pin SOIC/MSOP/DIP Evaluation Board SOIC14EV Any 14-pin device in DIP, SOIC, or MSOP package Note 1: Requires the use of a PICDEM Demo board (see User’s Guide for details) Application Note Number Title Literature # AN1080 Understanding Digital Potentiometers Resistor Variations DS01080 AN737 Using Digital Potentiometers to Design Low Pass Adjustable Filters DS00737 AN692 Using a Digital Potentiometer to Optimize a Precision Single Supply Photo Detect DS00692 AN691 Optimizing the Digital Potentiometer in Precision Circuits DS00691 AN219 Comparing Digital Potentiometers to Mechanical Potentiometers DS00219 — Digital Potentiometer Design Guide DS22017 — Signal Chain Design Guide DS21825 |