công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4141-503I/MS bảng dữ liệu(PDF) 67 Page - Microchip Technology

tên linh kiện MCP4141-503I/MS
Giải thích chi tiết về linh kiện  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4141-503I/MS bảng dữ liệu(HTML) 67 Page - Microchip Technology

Back Button MCP4141-503I/MS Datasheet HTML 63Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 64Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 65Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 66Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 67Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 68Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 69Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 70Page - Microchip Technology MCP4141-503I/MS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 67
MCP414X/416X/424X/426X
Package Marking Information (Continued)
10-Lead DFN (3x3)
Example
:
Part Number
Code
Part Number
Code
MCP4242-502E/MF
BAEM
MCP4262-502E/MF
BAEW
MCP4242-103E/MF
BAEP
MCP4262-103E/MF
BAEX
MCP4242-104E/MF
BAER
MCP4262-104E/MF
BAEZ
MCP4242-503E/MF
BAEQ
MCP4262-503E/MF
BAEY
BAEH
0816
256
XXXX
YYWW
NNN
10-Lead MSOP
XXXXXX
YWWNNN
Example
423252
816256
Part Number
Code
Part Number
Code
MCP4242-502E/MS
424252
MCP4262-502E/MS
426252
MCP4242-103E/MS
424213
MCP4262-103E/MS
426213
MCP4242-104E/MS
424214
MCP4262-104E/MS
426214
MCP4242-503E/MS
424253
MCP4262-503E/MS
426253
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
4261502E
0816
256
14-Lead PDIP
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
Example
14-Lead SOIC (.150”)
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
MCP4261
502E/SL^^
0816256
3
e
MCP4261
502E/P^^
0816256
3
e
XXXXX
16-Lead QFN (4x4)
XXXXXX
YYWWNNN
Example
XXXXXX
4261
502
0816256
E/ML^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88