| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4141-104I/ML bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4141-104I/ML bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 28 © 2008 Microchip Technology Inc. 3.1 Chip Select (CS) The CS pin is the serial interface’s chip select input. Forcing the CS pin to VIL enables the serial commands. Forcing the CS pin to VIHH enables the high-voltage serial commands. 3.2 Serial Data In (SDI) The SDI pin is the serial interfaces Serial Data In pin. This pin is connected to the Host Controllers SDO pin. 3.3 Serial Data In / Serial Data Out (SDI/SDO) On the MCP41X1 devices, pin-out limitations do not allow for individual SDI and SDO pins. On these devices, the SDI and SDO pins are multiplexed. The MCP41X1 serial interface knows when the pin needs to change from being an input (SDI) to being an output (SDO). The Host Controller’s SDO pin must be properly protected from a drive conflict. 3.4 Ground (VSS) The VSS pin is the device ground reference. 3.5 Potentiometer Terminal B The terminal B pin is connected to the internal potenti- ometer’s terminal B. The potentiometer’s terminal B is the fixed connection to the Zero Scale wiper value of the digital potentiome- ter. This corresponds to a wiper value of 0x00 for both 7-bit and 8-bit devices. The terminal B pin does not have a polarity relative to the terminal W or A pins. The terminal B pin can support both positive and negative current. The voltage on terminal B must be between VSS and VDD. MCP42XX devices have two terminal B pins, one for each resistor network. 3.6 Potentiometer Wiper (W) Terminal The terminal W pin is connected to the internal potenti- ometer’s terminal W (the wiper). The wiper terminal is the adjustable terminal of the digital potentiometer. The terminal W pin does not have a polarity relative to terminals A or B pins. The terminal W pin can support both positive and negative current. The voltage on terminal W must be between VSS and VDD. MCP42XX devices have two terminal W pins, one for each resistor network. 3.7 Potentiometer Terminal A The terminal A pin is available on the MCP4XX1 devices, and is connected to the internal potentiome- ter’s terminal A. The potentiometer’s terminal A is the fixed connection to the Full Scale wiper value of the digital potentiometer. This corresponds to a wiper value of 0x100 for 8-bit devices or 0x80 for 7-bit devices. The terminal A pin does not have a polarity relative to the terminal W or B pins. The terminal A pin can support both positive and negative current. The voltage on terminal A must be between VSS and VDD. The terminal A pin is not available on the MCP4XX2 devices, and the internally terminal A signal is floating. MCP42X1 devices have two terminal A pins, one for each resistor network. 3.8 Write Protect (WP) The WP pin is used to force the non-volatile memory to be write protected. 3.9 Shutdown (SHDN) The SHDN pin is used to force the resistor network terminals into the hardware shutdown state. 3.10 Serial Data Out (SDO) The SDO pin is the serial interfaces Serial Data Out pin. This pin is connected to the Host Controllers SDI pin. This pin allows the Host Controller to read the digital potentiometers registers, or monitor the state of the command error bit. 3.11 Positive Power Supply Input (VDD) The VDD pin is the device’s positive power supply input. The input power supply is relative to VSS. While the device VDD < Vmin (2.7V), the electrical performance of the device may not meet the data sheet specifications. 3.12 No Connection (NC) Those pins should be either connected to VDD or VSS. 3.13 Exposed Pad (EP) This pad is conductively connected to the device's substrate. This pad should be tied to the same potential as the VSS pin (or left unconnected). This pad could be used to assist as a heat sink for the device when connected to a PCB heat sink. |