công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6V01T-E/MD bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện MCP6V01T-E/MD
Giải thích chi tiết về linh kiện  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V01T-E/MD bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button MCP6V01T-E/MD Datasheet HTML 35Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 36Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 37Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 38Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 39Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 40Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 41Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 42Page - Microchip Technology MCP6V01T-E/MD Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22058C-page 41
MCP6V01/2/3
APPENDIX A: REVISION HISTORY
Revision C (December 2008)
The following is the list of modifications:
1.
Added the 8-lead, 2x3 TDFN package for the
MCP6V01 and MCP6V03 devices.
2.
Corrected the IMD specification in Table 1-2.
3.
Added 8-lead, 2x3 TDFN package information to
Thermal Characteristic table.
4.
Added information on the Exposed Thermal Pad
(EP) for the 8-lead, 2x3 TDFN and 8-lead, 4x4
DFN packages.
5.
Added Section 4.3.6 “Stabilizing Output
Loads”
6.
Other minor typographical corrections.
Revision B (June 2008)
The following is the list of modifications:
1.
Updated the specifications and their conditions.
2.
Corrected the Timing Diagrams.
3.
Added to the Test Circuits.
4.
Added RISO (see Figure 4-6) to all circuit
diagrams.
5.
Added the Typical Performance Curves.
6.
Corrected
and
expanded
Applications
Information.
7.
Minor edits due to change in production status.
8.
Added Appendix B, Offset Related Test
Screens.
Revision A (September 2007)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44