công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73831-2ACI/OT bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện MCP73831-2ACI/OT
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/OT bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button MCP73831-2ACI/OT Datasheet HTML 19Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 20Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 21Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 22Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 23Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 24Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 25Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 26Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21984E-page 19
MCP73831/2
APPENDIX A: REVISION HISTORY
Revision E (September 2008)
The following is the list of modifications:
1.
Package Types: Changed DFN pinout diagram.
2.
1.0 “Electrical Characteristics”: Changed
“Charge Impedance Range from 20 k
Ω to
67 k
Ω.
3.
1.0 “Electrical Characteristics”: Misc. Format-
ting changes.
4.
Section 2.0 “Typical Performance Curves”:
Updated Figure 2-4.
5.
Section 3.0
“Pin
Description”:
Added
Exposed
Pad
pin
to
table
and
added
Section 3.6 “Exposed Thermal Pad (EP)”.
6.
Updated
Appendix A: “Revision History”
7.
Added Land Patttern Package Outline Drawing
for 2x3 DFN package.
8.
Pagination fixes throughout document per
Marcom Standards.
Revision D (April 2008)
The following is the list of modifications:
1.
Changed Charge Termination Current Ratio to
8.5% minimum and 11.5% maximum.
Revision C (October 2007)
The following is the list of modifications:
1.
Numerous edits throughout document.
2.
Added note to Temperature Specifications table.
3.
Updated Figure 2-4.
Revision B (March 2006)
The following is the list of modifications:
1.
Added MCP73832 through document.
Revision A (November 2005)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com