công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3208T-CI/SL bảng dữ liệu(PDF) 17 Page - Microchip Technology

tên linh kiện MCP3208T-CI/SL
Giải thích chi tiết về linh kiện  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208T-CI/SL bảng dữ liệu(HTML) 17 Page - Microchip Technology

Back Button MCP3208T-CI/SL Datasheet HTML 13Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 14Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 15Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 16Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 17Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 18Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 19Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 20Page - Microchip Technology MCP3208T-CI/SL Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21298E-page 17
MCP3204/3208
4.0
DEVICE OPERATION
The MCP3204/3208 A/D converters employ a
conventional SAR architecture. With this architecture,
a sample is acquired on an internal sample/hold
capacitor for 1.5 clock cycles starting on the fourth
rising edge of the serial clock after the start bit has been
received. Following this sample time, the device uses
the collected charge on the internal sample/hold
capacitor to produce a serial 12-bit digital output code.
Conversion rates of 100 ksps are possible on the
MCP3204/3208. See Section 6.2 “Maintaining Mini-
mum Clock Speed”
, “Maintaining Minimum Clock
Speed”, for information on minimum clock rates.
Communication with the device is accomplished using
a 4-wire SPI-compatible interface.
4.1
Analog Inputs
The MCP3204/3208 devices offer the choice of using
the analog input channels configured as single-ended
inputs or pseudo-differential pairs. The MCP3204 can
be configured to provide two pseudo-differential input
pairs or four single-ended inputs, while the MCP3208
can be configured to provide four pseudo-differential
input pairs or eight single-ended inputs. Configuration
is done as part of the serial command before each
conversion begins. When used in the pseudo-
differential mode, each channel pair (i.e., CH0 and
CH1, CH2 and CH3 etc.) is programmed to be the IN+
and IN- inputs as part of the command string transmit-
ted to the device. The IN+ input can range from IN- to
(VREF + IN-). The IN- input is limited to ±100 mV from
the VSS rail. The IN- input can be used to cancel small
signal common-mode noise which is present on both
the IN+ and IN- inputs.
When operating in the pseudo-differential mode, if the
voltage level of IN+ is equal to or less than IN-, the
resultant code will be 000h. If the voltage at IN+ is equal
to or greater than {[VREF + (IN-)] - 1 LSB}, then the
output code will be FFFh. If the voltage level at IN- is
more than 1 LSB below VSS, the voltage level at the
IN+ input will have to go below VSS to see the 000h
output code. Conversely, if IN- is more than 1 LSB
above VSS, then the FFFh code will not be seen unless
the IN+ input level goes above VREF level.
For the A/D converter to meet specification, the charge
holding capacitor (CSAMPLE) must be given enough
time to acquire a 12-bit accurate voltage level during
the 1.5 clock cycle sampling period. The analog input
model is shown in Figure 4-1.
This diagram illustrates that the source impedance (RS)
adds to the internal sampling switch (RSS) impedance,
directly effecting the time that is required to charge the
capacitor (CSAMPLE). Consequently, larger source
impedances increase the offset, gain and integral
linearity errors of the conversion (see Figure 4-2).
4.2
Reference Input
For each device in the family, the reference input
(VREF) determines the analog input voltage range. As
the reference input is reduced, the LSB size is reduced
accordingly. The theoretical digital output code pro-
duced by the A/D converter is a function of the analog
input signal and the reference input, as shown below.
EQUATION 4-1:
When using an external voltage reference device, the
system
designer
should
always
refer
to
the
manufacturer’s recommendations for circuit layout.
Any instability in the operation of the reference device
will have a direct effect on the operation of the A/D
converter.
Where:
VIN
=
analog input voltage
VREF
=
reference voltage
Digital Output Code
4096
V
IN
×
V
REF
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com