| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP616-I/SL bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP616-I/SL bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 38 page ![]() MCP616/7/8/9 DS21613C-page 8 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2, RL =100 kΩ to VDD/2 and CL =60pF. FIGURE 2-7: Input Offset Voltage vs. Ambient Temperature. FIGURE 2-8: Quiescent Current vs. Ambient Temperature. FIGURE 2-9: Maximum Output Voltage Swing vs. Ambient Temperature at RL =5kΩ. FIGURE 2-10: Input Bias, Offset Currents vs. Ambient Temperature. FIGURE 2-11: CMRR, PSRR vs. Ambient Temperature. FIGURE 2-12: Maximum Output Voltage Swing vs. Ambient Temperature at RL =25kΩ. -150 -100 -50 0 50 100 150 -50 -25 0 25 50 75 100 Ambient Temperature (°C) VDD = 2.3V VDD = 5.5V Representative Part 0 2 4 6 8 10 12 14 16 18 20 22 24 -50 -25 0 25 50 75 100 Ambient Temperature (°C) VDD = 5.5V VDD = 2.3V 0 5 10 15 20 25 30 35 40 -50 -25 0 25 50 75 100 Ambient Temperature (°C) RL = 5 k VDD = 5.5V VDD = 2.3V VOL – VSS VDD – VOH -25 -20 -15 -10 -5 0 -50 -25 0 25 50 75 100 Ambient Temperature (°C) 0.0 0.2 0.4 0.6 0.8 1.0 IOS IB VDD = 5.5V 80 85 90 95 100 105 110 115 120 -50 -25 0 255075 100 Ambient Temperature (°C) PSRR CMRR 0 1 2 3 4 5 6 7 8 9 -50 -25 0 25 50 75 100 Ambient Temperature (°C) RL = 25 k VDD = 5.5V VDD = 2.3V VOL – VSS VDD – VOH |