| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP616-I/MS bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP616-I/MS bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 38 page ![]() MCP616/7/8/9 DS21613C-page 4 © 2008 Microchip Technology Inc. AC ELECTRICAL CHARACTERISTICS MCP618 CHIP SELECT (CS) ELECTRICAL CHARACTERISTICS FIGURE 1-1: Timing Diagram for the CS Pin on the MCP618. Electrical Specifications: Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS =GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2, RL = 100 kΩ to VDD/2 and CL =60pF. Parameters Sym Min Typ Max Units Conditions AC Response Gain Bandwidth Product GBWP — 190 — kHz Phase Margin PM — 57 — ° G = +1V/V Slew Rate SR — 0.08 — V/µs Noise Input Noise Voltage Eni —2.2 — µVP-P f = 0.1 Hz to 10 Hz Input Noise Voltage Density eni —32 — nV/ √Hz f = 1 kHz Input Noise Current Density ini —70 — fA/ √Hz f = 1 kHz Electrical Specifications: Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2, RL = 100 kΩ to VDD/2 and CL =60pF. Parameters Sym Min Typ Max Units Conditions CS Low Specifications CS Logic Threshold, Low VIL VSS —0.2 VDD V CS Input Current, Low ICSL –1.0 0.01 — µA CS = VSS CS High Specifications CS Logic Threshold, High VIH 0.8 VDD —VDD V CS Input Current, High ICSH —0.01 2 µA CS = VDD GND Current ISS -2 -0.05 — µA CS = VDD Amplifier Output Leakage IO(LEAK) —10— nA CS = VDD CS Dynamic Specifications CS Low to Amplifier Output Turn-on Time tON —9 100 µs CS = 0.2VDD to VOUT = 0.9VDD/2, G = +1 V/V, RL = 1 kΩ to VSS CS High to Amplifier Output High-Z tOFF —0.1 — µs CS = 0.8VDD to VOUT = 0.1VDD/2, G = +1 V/V, RL = 1 kΩ to VSS CS Hysteresis VHYST —0.6 — V VDD = 5.0V CS VOUT ISS ICS VIL VIH tON tOFF -50 nA -50 nA -19 µA 10 nA 10 nA High-Z High-Z (typical) (typical) (typical) (typical) (typical) |