công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24AA32AT-E/MS bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện 24AA32AT-E/MS
Giải thích chi tiết về linh kiện  32K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32AT-E/MS bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button 24AA32AT-E/MS Datasheet HTML 11Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 12Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 13Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 14Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 15Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 16Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 17Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 18Page - Microchip Technology 24AA32AT-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2009 Microchip Technology Inc.
DS21713J-page 15
24AA32A/24LC32A
Part Number
1st Line Marking Codes
TSSOP
MSOP
DFN
TDFN
SOT-23
I Temp.
E Temp.
I Temp.
E Temp.
I Temp.
E Temp.
24AA32A
4AA
4A32AT
261
—
A61
—
B6NN
—
24LC32A
4LA
4L32AT
264
265
A64
A65
M6NN
N6NN
Note:
T = Temperature grade (I, E).
8-Lead 2x3 TDFN
Example:
A64
527
I3
XXX
YWW
NN
5-Lead SOT-23
Example:
XXNN
M6NN
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com