công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24AA08-E/P bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện 24AA08-E/P
Giải thích chi tiết về linh kiện  8K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08-E/P bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button 24AA08-E/P Datasheet HTML 5Page - Microchip Technology 24AA08-E/P Datasheet HTML 6Page - Microchip Technology 24AA08-E/P Datasheet HTML 7Page - Microchip Technology 24AA08-E/P Datasheet HTML 8Page - Microchip Technology 24AA08-E/P Datasheet HTML 9Page - Microchip Technology 24AA08-E/P Datasheet HTML 10Page - Microchip Technology 24AA08-E/P Datasheet HTML 11Page - Microchip Technology 24AA08-E/P Datasheet HTML 12Page - Microchip Technology 24AA08-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21710J-page 9
24AA08/24LC08B
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally-timed write cycle and ACK polling
can then be initiated immediately. This involves the
master sending a Start condition followed by the control
byte for a Write command (R/W = 0). If the device is still
busy with the write cycle, no ACK will be returned. If the
cycle is complete, the device will return the ACK and
the master can then proceed with the next Read or
Write command. See Figure 7-1 for a flow diagram of
this operation.
FIGURE 7-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30