công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8L101F2P6TR bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện STM8L101F2P6TR
Giải thích chi tiết về linh kiện  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2P6TR bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button STM8L101F2P6TR Datasheet HTML 10Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 11Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 12Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 13Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 14Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 15Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 16Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 17Page - STMicroelectronics STM8L101F2P6TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
Pin description
STM8L101xx
14/77
Doc ID 15275 Rev 7
4
Pin description
Figure 2.
Standard 20-pin UFQFPN package pinout
1.
HS corresponds to 20 mA high sink/source capability.
2.
High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the
STM8L reference manual (RM0013).
Note:
The COMP_REF pin is not available in this standard 20-pin UFQFPN package. It is available
on Port A6 in the 20-pin UFQFPN package pinout for STM8L101F3U6ATR and
STM8L101F2U6ATR part numbers (Figure 3 on page 15).
2
1
3
4
5
67
8
9
11
12
13
14
15
16
17
18
19
VDD
VSS
PA3 (HS)
PA2 (HS)
NRST / PA1 (HS)
PB4 (HS) / SPI_NSS
PB5 (HS) / SPI_SCK
PB6 (HS) / SPI_MOSI
PB7 (HS) / SPI_MISO
PC0 / I²C_SDA
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77