| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L151C6T3 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C6T3 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 101 page ![]() STM8L151xx, STM8L152xx Pin description Doc ID 15962 Rev 2 29/101 34 22 - PD5/TIM1_CH3 /LCD_SEG19(2)/ ADC1_IN9/COMP1_INP I/O X X X HS X X Port D5 Timer 1 - channel 3 / LCD segment 19 / ADC1_IN9/ Comparator 1 positive input 35 23 - PD6/TIM1_BKIN /LCD_SEG20(2)/ ADC1_IN8/RTC_CALIB/ VREF_OUT/ COMP1_INP I/O X X X HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration / Voltage reference output / Comparator 1 positive input 36 24 - PD7/TIM1_CH1N /LCD_SEG21(2)/ ADC1_IN7/RTC_ALARM/ VREF_OUT/ COMP1_INP I/O X X X HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm / Voltage reference output /Comparator 1 positive input 14 - - PE0/LCD_SEG1(2) I/O FT X X X HS X X Port E0 LCD segment 1 15 - - PE1/TIM1_CH2N /LCD_SEG2(2) I/O X X X HS X X Port E1 Timer 1 - inverted channel 2 / LCD segment 2 16 - - PE2/TIM1_CH3N /LCD_SEG3(2) I/O X XX HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3 17 - - PE3/LCD_SEG4(2) I/O X XX HS X X Port E3 LCD segment 4 18 - - PE4/LCD_SEG5(2) I/O X XX HS X X Port E4 LCD segment 5 19 - - PE5/LCD_SEG6(2)/ ADC1_IN23/COMP2_INP/ COMP1_INP I/O X XX HS X X Port E5 LCD segment 6 / ADC1_IN23 / Comparator 2 positive input / Comparator 1 positive input 47 - - PE6/LCD_SEG26(2)/ PVD_IN I/O X XX HS X X Port E6 LCD segment 26/PVD_IN 48 - - PE7/LCD_SEG27(2) I/O X XX HS X X Port E7 LCD segment 27 32 - - PF0/ADC1_IN24/ DAC_OUT I/O X XX HS X X Port F0 ADC1_IN24 / DAC_OUT 13 9 - VLCD(2) S LCD booster external capacitor 13 - - Reserved(5) Reserved. Must be tied to VDD 10 - - VDD S Digital power supply 11 - - VDDA S Analog supply voltage 12 - - VREF+ S ADC1 and DAC positive voltage reference Table 4. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |