| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F101T6T6ATR bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101T6T6ATR bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 73 page ![]() STM32F101x4, STM32F101x6 Memory mapping Doc ID 15058 Rev 3 25/74 4 Memory mapping The memory map is shown in Figure 6. Figure 6. Memory map APB memory space DMA RTC WWDG IWDG USART2 ADC USART1 SPI EXTI RCC 0 1 2 3 4 5 6 7 Peripherals SRAM reserved reserved Option Bytes Reserved 0x4000 0000 0x4000 0400 0x4000 0800 0x4000 2800 0x4000 2C00 0x4000 3000 0x4000 3400 0x4000 4400 0x4000 4800 0x4000 5400 0x4000 5800 0x4000 6000 0x4000 6400 0x4000 6800 0x4000 6C00 0x4000 7000 0x4000 7400 0x4001 0000 0x4001 0400 0x4001 0800 0x4001 0C00 0x4001 1000 0x4001 1400 0x4001 1800 0x4001 2400 0x4001 2800 0x4001 2C00 0x4001 3000 0x4001 3400 0x4001 3800 0x4001 3C00 0x4002 0000 0x4002 0400 0x4002 1000 0x4002 1400 0x4002 2000 0x4002 2400 0x4002 3000 0x4002 3400 0x6000 0000 0xE010 0000 0xFFFF FFFF reserved reserved reserved CRC reserved reserved Flash interface reserved reserved reserved reserved reserved reserved reserved Port D Port C Port B Port A AFIO PWR BKP reserved reserved reserved reserved I2C reserved reserved reserved TIM3 TIM2 0xFFFF FFFF 0xE010 0000 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0x1FFF FFFF 0x1FFF F80F 0x1FFF F800 0x1FFF F000 0x0801 FFFF 0x0800 0000 System memory Flash memory Cortex-M3 internal peripherals ai15175b 0x0000 0000 Aliased to Flash or system memory depending on BOOT pins |