| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24C01C-E/MC bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24C01C-E/MC bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 30 page ![]() © 2008 Microchip Technology Inc. DS21201J-page 5 24C01C 2.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 2-1. TABLE 2-1: PIN FUNCTION TABLE 2.1 SDA Serial Data This is a bidirectional pin used to transfer addresses and data into and data out of the device. It is an open drain terminal; therefore, the SDA bus requires a pull- up resistor to VCC (typical 10 k Ω for 100 kHz, 2 kΩ for 400 kHz). For normal data transfer SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the Start and Stop conditions. 2.2 SCL Serial Clock This input is used to synchronize the data transfer from and to the device. 2.3 A0, A1, A2 The levels on these inputs are compared with the corresponding bits in the slave address. The chip is selected if the compare is true. Up to eight 24C01C devices may be connected to the same bus by using different Chip Select bit combina- tions. These inputs must be connected to either VCC or VSS. 2.4 Test This pin is utilized for testing purposes only. It may be tied high, tied low or left floating. 2.5 Noise Protection The 24C01C employs a VCC threshold detector circuit which disables the internal erase/write logic if the VCC is below 3.8 volts at nominal conditions. The SCL and SDA inputs have Schmitt Trigger and filter circuits which suppress noise spikes to assure proper device operation even on a noisy bus. Name 8-pin PDIP 8-pin SOIC 8-pin TSSOP 8-pin MSOP 8-pin DFN/TDFN Function A0 1 1 1 1 1 Chip Select A1 2 2 2 2 2 Chip Select A2 3 3 3 3 3 Chip Select VSS 444 4 4 Ground SDA 5 5 5 5 5 Serial Data SCL 6 6 6 6 6 Serial Clock Test 777 7 7 Test VCC 8 8 8 8 8 +4.5V to 5.5V Power Supply |