| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32W108CB bảng dữ liệu(PDF) 154 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB bảng dữ liệu(HTML) 154 Page - STMicroelectronics |
|
154 / 179 page ![]() Interrupts STM32W108CB, STM32W108HB 154/179 Doc ID 16252 Rev 2 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WRON GSIZE PROT ECTED RESER VED MISSE D rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [3] WRONGSIZE A bus fault resulted from an 8-bit or 16-bit read or write of an APB peripheral register. This fault can also result from an unaligned 32-bit access. [2] PROTECTED A bus fault resulted from a user mode (unprivileged) write to a system APB or AHB peripheral or protected RAM. [1] RESERVED A bus fault resulted from a read or write to an address within an APB peripheral's 4 kB block range, but above the last physical register in that block. Can also result from a read or write to an address above the top of RAM or flash. [0] MISSED A bus fault occurred when a bit was already set in this register. |