| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32W108CB bảng dữ liệu(PDF) 151 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB bảng dữ liệu(HTML) 151 Page - STMicroelectronics |
|
151 / 179 page ![]() STM32W108CB, STM32W108HB Interrupts Doc ID 16252 Rev 2 151/179 10.3.4 Top-level clear interrupts pending register (INT_PENDCLR) Address offset: 0x0280 Reset value: 0x0000 0000 [16] INT_DEBUG: Write 1 to pend debug interrupt. (Writing 0 has no effect.) [15] INT_IRQD: Write 1 to pend IRQD interrupt. (Writing 0 has no effect.) [14] INT_IRQC: Write 1 to pend IRQC interrupt. (Writing 0 has no effect.) [13] INT_IRQB: Write 1 to pend IRQB interrupt. (Writing 0 has no effect.) [12] INT_IRQA: Write 1 to pend IRQA interrupt. (Writing 0 has no effect.) [11] INT_ADC: Write 1 to pend ADC interrupt. (Writing 0 has no effect.) [10] INT_MACRX: Write 1 to pend MAC receive interrupt. (Writing 0 has no effect.) [9] INT_MACTX: Write 1 to pend MAC transmit interrupt. (Writing 0 has no effect.) [8] INT_MACTMR: Write 1 to pend MAC timer interrupt. (Writing 0 has no effect.) [7] INT_SEC: Write 1 to pend security interrupt. (Writing 0 has no effect.) [6] INT_SC2: Write 1 to pend serial controller 2 interrupt. (Writing 0 has no effect.) [5] INT_SC1: Write 1 to pend serial controller 1 interrupt. (Writing 0 has no effect.) [4] INT_SLEEPTMR: Write 1 to pend sleep timer interrupt. (Writing 0 has no effect.) [3] INT_BB: Write 1 to pend baseband interrupt. (Writing 0 has no effect.) [2] INT_MGMT: Write 1 to pend management interrupt. (Writing 0 has no effect.) [1] INT_TIM2: Write 1 to pend timer 2 interrupt. (Writing 0 has no effect.) [0] INT_TIM1: Write 1 to pend timer 1 interrupt. (Writing 0 has no effect.) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 INT_D EBUG rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 INT_I RQD INT_I RQC INT_I RQB INT_I RQA INT_A DC INT_M ACRX INT_M ACTX INT_M ACTM R INT_S EC INT_S C2 INT_SC 1 INT_S LEEP TMR INT_B B INT_M GMT INT_TI M2 INT_TI M1 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [16] INT_DEBUG: Write 1 to unpend debug interrupt. (Writing 0 has no effect.) [15] INT_IRQD: Write 1 to unpend IRQD interrupt. (Writing 0 has no effect.) [14] INT_IRQC: Write 1 to unpend IRQC interrupt. (Writing 0 has no effect.) [13] INT_IRQB: Write 1 to unpend IRQB interrupt. (Writing 0 has no effect.) [12] INT_IRQA: Write 1 to unpend IRQA interrupt. (Writing 0 has no effect.) [11] INT_ADC: Write 1 to unpend ADC interrupt. (Writing 0 has no effect.) [10] INT_MACRX: Write 1 to unpend MAC receive interrupt. (Writing 0 has no effect.) [9] INT_MACTX: Write 1 to unpend MAC transmit interrupt. (Writing 0 has no effect.) |