| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24LC64 bảng dữ liệu(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC64 bảng dữ liệu(HTML) 30 Page - Microchip Technology |
|
30 / 36 page ![]() 24AA64/24LC64/24FC64 DS21189Q-page 30 © 2009 Microchip Technology Inc. APPENDIX A: REVISION HISTORY Revision H Corrections to Section 1.0, Electrical Characteristics. Revision J Added DFN package. Revision K Revised Sections 7.1 and 7.4. Revision L Added 24FC64 Part; Revised Device Selection Table; Revised Features Section; Deleted Rotated TSSOP Package; Revised Table 1-2; Revised Table 7-1; Revised Package Information; Replaced Package Drawings; Revised Product ID Section. Revision M Updated package drawings. Added 8-lead TDFN and 5-lead SOT-23 packages. Revision N (03/2009) Added 5-lead Chip Scale package. Revision P (03/2009) Added 5-lead Chip Scale Package Diagram and Land Pattern. Revised Block Diagram. Revision Q (06/09) Revised Features section; Revised Table 1-2, Para. 18; Added note to Table 2-1; Revised SOT-23 package example. |