công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP606 bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện MCP606
Giải thích chi tiết về linh kiện  2.5V to 6.0V Micropower CMOS Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button MCP606_09 Datasheet HTML 15Page - Microchip Technology MCP606_09 Datasheet HTML 16Page - Microchip Technology MCP606_09 Datasheet HTML 17Page - Microchip Technology MCP606_09 Datasheet HTML 18Page - Microchip Technology MCP606_09 Datasheet HTML 19Page - Microchip Technology MCP606_09 Datasheet HTML 20Page - Microchip Technology MCP606_09 Datasheet HTML 21Page - Microchip Technology MCP606_09 Datasheet HTML 22Page - Microchip Technology MCP606_09 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
© 2009 Microchip Technology Inc.
DS11177F-page 19
MCP606/7/8/9
4.8.4
THREE OP AMP
INSTRUMENTATION AMPLIFIER
A classic, three op amp instrumentation amplifier is
illustrated in Figure 4-12. The two input op amps
provide differential signal gain and a common mode
gain of +1. The output op amp is a difference amplifier,
which converts its input signal from differential to a sin-
gle ended output; it rejects common mode signals at its
input. The gain of this circuit is simply adjusted with one
resistor (RG). The reference voltage (VREF) is typically
referenced to mid-supply (VDD/2) in single-supply
applications.
FIGURE 4-12:
Three Op Amp
Instrumentation Amplifier.
4.8.5
PRECISION GAIN WITH GOOD
LOAD ISOLATION
In Figure 4-13, the MCP606 op amps, R1 and R2
provide a high gain to the input signal (VIN). The
MCP606’s low offset voltage makes this an accurate
circuit.
The MCP601 is configured as a unity-gain buffer. It
isolates the MCP606’s output from the load, increasing
the high-gain stage’s precision. Since the MCP601 has
a higher output current, with the two amplifiers being
housed in separate packages, there is minimal change
in the MCP606’s offset voltage due to loading effect.
FIGURE 4-13:
Precision Gain with Good
Load Isolation.
V
OUT
V
1
V
2
–
() 1
2R
2
R
G
---------
+
⎝⎠
⎜⎟
⎛⎞ R
4
R
3
------
⎝⎠
⎜⎟
⎛⎞
V
REF
+
=
R2
VREF
V1
R4
R3
R2
RG
VOUT
V2
R4
R3
½
MCP607
½
MCP607
MCP606
V
OUT
V
IN 1R2 R1
⁄
+
()
=
R2
R1
VOUT
VIN
MCP601
MCP606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com