công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT048A320M009FP bảng dữ liệu(PDF) 3 Page - Vicor Corporation

tên linh kiện VT048A320M009FP
Giải thích chi tiết về linh kiện  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A320M009FP bảng dữ liệu(HTML) 3 Page - Vicor Corporation

  VT048A320M009FP Datasheet HTML 1Page - Vicor Corporation VT048A320M009FP Datasheet HTML 2Page - Vicor Corporation VT048A320M009FP Datasheet HTML 3Page - Vicor Corporation VT048A320M009FP Datasheet HTML 4Page - Vicor Corporation VT048A320M009FP Datasheet HTML 5Page - Vicor Corporation VT048A320M009FP Datasheet HTML 6Page - Vicor Corporation VT048A320M009FP Datasheet HTML 7Page - Vicor Corporation VT048A320M009FP Datasheet HTML 8Page - Vicor Corporation VT048A320M009FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Voltage Transformation Module
VT048A320T009FP
vicorpower.com
Rev. 1.0
Page 3 of 11
SPECIFICATIONS (CONT.)
WAVEFORMS
Figure 1 — Input reflected ripple current at full load and 48 Vf.
Ripple vs. Output Current
30
60
90
120
150
180
0.00 0.94 1.88 2.81 3.75 4.69 5.63 6.56 7.50 8.44 9.38
Output Current (A)
Figure 2 — Output voltage ripple vs. output current at 48 Vf with no POL
bypass capacitance.
Parameter
Min
Typ
Max
Unit
Note
Output voltage
17.3
36.7
Vdc
No load
16.4
35.8
Vdc
Full load
Rated DC current
0
9.4
Adc
26 - 55 VIN
Peak repetitive current
14.1
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
9.6
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 7
Efficiency
Half load
95.2
96.5
%
See Figure 3
Full load
95.0
96.2
%
See Figure 3
Internal output inductance
1.1
nH
Internal output capacitance
12
µF
Effective value
Output overvoltage setpoint
36.7
Vdc
Module will shut down
Output ripple voltage
No external bypass
175
335
mVp-p
See Figures 2 and 5
4.7 µF bypass capacitor
14
mVp-p
See Figure 6
Effective switching frequency
2.4
2.8
3.2
MHz
Fixed, 1.4 MHz per phase
Line regulation
K
0.6600
2/3
0.6733
VOUT = K•VIN at no load
Load regulation
ROUT
79
98
mΩ
See Figure 13
Transient response
Voltage overshoot
540
mV
9.4 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com