công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXOXHT5SHGE bảng dữ liệu(PDF) 1 Page - RSG Electronic Components GmbH

tên linh kiện CXOXHT5SHGE
Giải thích chi tiết về linh kiện  HIGH TEMPERATURE OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RSG [RSG Electronic Components GmbH]
Trang chủ  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CXOXHT5SHGE bảng dữ liệu(HTML) 1 Page - RSG Electronic Components GmbH

  CXOXHT5SHGE Datasheet HTML 1Page - RSG Electronic Components GmbH CXOXHT5SHGE Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUGGESTED LAND PATTERN
DESCRIPTION
An increasing number of applications require the use of high-
temperature oscillators. For these applications, Statek offers
the CXOHT, CXOMHT, and CXOXHT oscillators. These
oscillators are designed to operate at temperatures up to
200ºC with a total frequency stability of 200 parts-per-million
at this temperature. The CXOHT is offered in a 10.16 mm x
4.57 mm package. The CXOMHT oscillator is offered in a
6.50 mm x 5.00 mm package. The CXOXHT oscillator
features the smallest size of the three, and is offered in a
3.20 mm x 2.50 mm package.
FEATURES
High temperature operation up to 200OC
Excellent stability over temperature
Fast start-up
High shock resistance
CMOS and TTL compatible
Optional output enable/disable
Low EMI emission
Hermetically sealed ceramic package
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
PIN CONNECTIONS
1. Enable/Disable (E) or No Connection (N)
2. Ground
3. Output
4.
VDD
PACKAGE DIMENSIONS
CXOHT
CXOMHT
CXOXHT
DIMENSIONS
MAXIMUM
MAXIMUM
MAXIMUM
DIM
inches
mm
inches
mm
inches
mm
A
0.405 10.29
0.263
6.68
0.136
3.40
B
0.190
4.83
0.204
5.18
0.107
2.70
C (SM1)
0.055
1.40
0.055
1.40
0.043
1.09
C (SM3/SM5) 0.063
1.60
0.063
1.60
0.048
1.21
D
0.350
8.89
0.065
1.65
0.041
1.10
E
0.135
3.43
0.070
1.78
0.031
0.85
F
0.060
1.52
20M
Side View
Top View
Actual Size
Side View
Top View
Actual Size
TOP
BOTTOM
A
B
C
F
E
D
3
2
2
3
1
4
4
1
CXOHT
CXOMHT
A
TOP
BOTTOM
2
3
1
4
B
C
D
D
E
CXOXHT
C
TOP
A
B
BOTTOM
D
E
1
2
3
4
1
2
3
4
CXOHT
CXOMHT
CXOXHT
20M
Side View
Top View
Actual Size
HIGH TEMPERATURE OSCILLATORS
High Temperature/High Shock
0.067 (1.70)
0.070 (1.78)
0.065 (1.65)
0.136 (3.45)
GRID
PLACEMENT
COURTYARD
inches (mm)
0.201 (5.11)
0.137 (3.48)
0.110 (2.9)
0.031 (0.8)
0.141 (3.6)
0.039 (1.05)
0.039
(1.0)
0.051
(1.3)
inches (mm)
10180 - Rev A
0.070 (1.78)
0.060 (1.52)
0.135 (3.43)
0.140 (3.56)
GRID
PLACEMENT
COURTYARD
0.275 (6.99)
inches (mm)
0.130 (3.30)
CXOHT
CXOMHT
CXOXHT
300 kHz - 50 MHz
300 kHz - 50 MHz
1 MHz - 50 MHz


Số phần tương tự - CXOXHT5SHGE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STATEK CORPORATION
CXOXHT STATEK-CXOXHT Datasheet
754Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
EUROQUARTZ limited
CXOXHT EUROQUARTZ-CXOXHT Datasheet
137Kb / 1P
High Temperature/High Shock
logo
IQD Frequency Products ...
CXOXHT-1.2V IQD-CXOXHT-1.2V Datasheet
177Kb / 3P
Crystal Clock Oscillator Specification
CXOXHT-1.8V IQD-CXOXHT-1.8V Datasheet
178Kb / 3P
Crystal Clock Oscillator Specification
CXOXHT-3.3V IQD-CXOXHT-3.3V Datasheet
176Kb / 3P
Crystal Clock Oscillator Specification
More results

Mô tả tương tự - CXOXHT5SHGE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
C17SA ETC2-C17SA Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
Temperature Compensated Crystal Oscillators
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
STATEK CORPORATION
CXOHT STATEK-CXOHT Datasheet
754Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOMKHT STATEK-CXOMKHT Datasheet
579Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX125 RALTRON-TX125 Datasheet
35Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com